PART |
Description |
Maker |
STB140NF55 STP140NF55 STB140NF55T4 STB140NF55-1 |
N-CHANNEL 55V - 0.0065& - 80A TO-220/DPAK STripFET II POWER MOSFET N-CHANNEL 55V - 0.0065 ohm - 80A TO-220/D2PAK STripFET II POWER MOSFET N沟道55V 0.0065欧姆- 80A条TO-220/D2PAK STripFET二功率MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V.
|
FDB070AN06F085 |
N-Channel PowerTrenchMOSFET 60V, 80A, 7m N-Channel PowerTrench? MOSFET 60V, 80A, 7mΩ
|
Fairchild Semiconductor
|
STB80NF55L-08-1 STB80NF55L-08T4 STMICROELECTRONICS |
80 A, 55 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA N-CHANNEL 55V - 0.0065 OHM - 80A TO-220/D2PAK/I2PAK STRIPFET II POWER MOSFET
|
STMICROELECTRONICS ST Microelectronics
|
UTT80P06L-TA3-T UTT80P06G-TA3-T |
80A, 60V P-CHANNEL POWER MOSFET
|
Unisonic Technologies
|
FDP038AN06A010 FDI038AN06A010 |
N-Channel PowerTrench? MOSFET 60V, 80A, 3.8mΩ
|
Fairchild Semiconductor
|
WNM70N80 |
N-CHANNEL 60V 0.007.. 80A TO-220 POWER MOSFET
|
TY Semiconductor Co., Ltd TY Semiconductor Co., L...
|
FDD13AN06A0 FDD13AN06A0NL |
RECTIFIER SCHOTTKY SINGLE 3A 40V 80A-ifsm 0.5V-vf 0.5mA-ir DO-201AD 500/BULK 9.9 A, 60 V, 0.0135 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA N-Channel PowerTrench MOSFET, 60V, 50A, 0.0135
|
FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
88CNQ060ASL 88CNQ060ASM 88CNQ060A |
60V 80A Schottky Common Cathode Diode in a D61-8 package
|
International Rectifier
|
FDS5351 |
60V N-Channel PowerTrench MOSFET; Package: SO-8; No of Pins: 8; Container: Tape & Reel 6.1 A, 60 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel PowerTrench㈢ MOSFET 60V, 6.1A, 35mヘ N-Channel PowerTrench? MOSFET 60V, 6.1A, 35mΩ
|
Fairchild Semiconductor, Corp.
|
FDB6670ALL86Z |
80 A, 30 V, 0.0065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB
|
FAIRCHILD SEMICONDUCTOR CORP
|
STP95N04 |
80 A, 40 V, 0.0065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
STMICROELECTRONICS
|